PART |
Description |
Maker |
74ABT640 74ABT640_2 74ABT640PWDH 74ABT640D 74ABT64 |
Octal transceiver with direction pin, inverting (3-State) Octal transceiver with direction pin, inverting 3-State From old datasheet system Octal transceiver with direction pin/ inverting 3-State SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch Quadruple D-Type Flip-Flops With Clear 16-SOIC 0 to 70 ABT SERIES, 8-BIT TRANSCEIVER, INVERTED OUTPUT, PDSO20 Single 8-Bit Inverting Bus Transceiver ABT SERIES, 8-BIT TRANSCEIVER, INVERTED OUTPUT, PDSO20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74F646_04 74F646 74F646MSA 74F646SC 74F646SPC 74F6 |
F/FAST SERIES, 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO24 5.30 MM, MO-150, SSOP-24 Octal Transceiver/Register with 3-STATE Outputs Octal Bus Transceiver and Register with 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
75F657SC 74F657SPC 74F657 74F657SCX |
Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs F/FAST SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDIP24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Rochester Electronics, LLC
|
74ABT899CQC 74ABT899 74ABT899CSC 74ABT899CMSA 74AB |
Octal Buffers/Drivers With 3-State Outputs 20-SSOP 0 to 70 ABT SERIES, 9-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO28 Octal Buffers/Drivers With 3-State Outputs 20-SSOP 0 to 70 9位锁存收发器奇偶发生检 From old datasheet system 9-Bit Latchable Transceiver with Parity Generator/Checker
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT74LVCR2245A IDT80LVCR2245APG IDT80LVCR2245AQ ID |
3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O LVC/LCX/Z SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20 SOIC-20 3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5V TOLERANT I/O 3.3V CMOS Octal Bus Transceiver with 3-State Outputs and 5.0V Tolerant I/O
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
N74F646AD N74F646AN N74F646D N74F646N N74F648AD N7 |
16-Bit Ultra-Low-Power Microcontroller, 24kB Flash, 1024B RAM, 12-Bit ADC, USART, 160 Segment LCD 80-LQFP -40 to 85 16-Bit Ultra-Low-Power Microcontroller, 24kB Flash, 1024B RAM, 12-Bit ADC, USART, 160 Segment LCD 100-LQFP -40 to 85 Octal transceiver/register, non-inverting(3-State)(八收发器/寄存器,(同相,三态)) Octal transceiver/register / non-inverting 3-State Octal transceiver/register non-inverting 3-State Octal transceiver/register, non-inverting 3-State
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
74VHCT245ASJ 74VHCT245A 74VHCT245AM 74VHCT245AMTC |
Octal D-Type Flip-Flops With Clear 20-PDIP -40 to 85 AHCT/VHCT SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20 Octal Buffer/Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCX646WM 74LCX646 74LCX646MSA 74LCX646MSAX 74LCX |
Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs LVC/LCX/Z SERIES, 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO24 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT74FCT2245CT IDT74FCT2245AT IDT74FCT2245ATPG IDT |
Octal Bi-Directional Transceiver FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
|
IDT
|
74LVTH2245WMX 74LVT2245 74LVT2245MSA 74LVT2245MSAX |
8-Bit Identity/Magnitude Comparators 20-PDIP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Series Resistors in the B Port Outputs Dual 4-to-1 Channel Analog Multiplexer/Demultiplexer with Injection Current Effect Control 16-TSSOP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25ヘ Series Resistors in the B Port Outputs Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|